Part Number Hot Search : 
2C120 CMPZ4696 SMB480 V1528 CDRH8 MKW2031 BCM5348 0ETTT
Product Description
Full Text Search
 

To Download AXH005A0X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Product Brief * November 4, 2002
For Discussion with Tyco Electronics Customers Only - Tyco Electronics Proprietary
Austin MicroLynx Non-Isolated SIP series
Output current 5A, 3.0Vdc-5.5Vdc input voltage range, Programmable Output voltage from 0.75Vdc to 3.63Vdc * * * Delivers 5A of output Current High Efficiency: 94% at 3.3V full load (Vin = 5.0V) Small size and low profile: 22.9 mm x 10.0 mm x 5.41mm (0.90 in x 0.40 in x 0.213 in) High reliability: Estimated MTBF >10M hours at 25oC Cost-efficient open frame design Single-in-line (SIP) package
* * *
I II III
(approval pending)
The Austin MicroLynx SIP (single-in-line) power modules are non-isolated dc-dc converters that can deliver 5A of output current with full load efficiency of 94% at 3.3V output. These modules provide precisely regulated output voltages ranging from 0.75Vdc to 3.63Vdc, programmable via an external resistor. The open frame construction and small footprint enables designers to develop costand space-efficient solutions. Standard features include remote On/Off, output voltage adjustment, and overcurrent protection. The Austin MicroLynx is also available in SMT versions (featured in a separate product brief).
* * * * *
Specifications
Tightly regulated output voltage, typical 1% Programmable output voltage via external resistor from 0.75Vdc to 3.63Vdc Load regulation 0.2% Line regulation 0.1% Ripple and noise (5Hz to 20MHz bandwidth) - RMS 20mVrms - Peak to peak 30mVpk-pk Operating temperature range: -40oC to +85oC Remote On/Off
* *
Applications
* * * * * * *
I) II) III)
Workstations, Servers, Desktop computers Distributed Power Architectures Telecommunications equipment Latest generation ICs (DSP, FPGA, ASIC) and Microprocessor-powered applications LANs/ WANs Data Processing Equipment Intermediate bus voltage applications
CSA is a registered trademark of Canadian Standards Association. UL is a registered trademark of Underwriters Laboratories, Inc. VDE is a trademark of Verband Deutcher Elektrotechniker e.V.
*
Protection
Auto-reset output overcurrent protection (non-latching)
Austin MicroLynx Non-Isolated SIP series
Non Isolated DC/DC Converters
Outline Drawing and Pin-out
Physical Dimensions and design SIP package with external dimensions of 22.9 mm x 10.2 mm x 5.41 mm (0.90" x 0.40" x 0.213") Weight: TBD The Austin MicroLynx SIP series has a robust open-frame construction able to withstand industry standard through-hole handling, soldering and cleaning processes.
Jun e 01
Ordering Information
Please contact your Tyco Electronics sales representative for pricing, availability and optional features. Product codes AXH005A0X Input Voltage 3.0V - 5.5Vdc Output Voltage 0.75V - 3.63Vdc Output Current 5A Efficiency 3.3V @ 5A 94.0 % Connector Type Through Hole SIP Packaging Box / Tray Comcodes 108979675
Europe, Middle-East and Africa Headquarters Tyco Electronics (UK) Ltd Tel: +44 (0) 1344 469 300, Fax: +44 (0) 1344 469 301 World Wide Headquarters Tyco Electronics Power Systems, Inc. 3000 Skyline Drive, Mesquite, TX 75149, USA Tel: +1-800-526-7819, Fax: +1-888-315-5182 (Outside U.S.A.: +1-972-284-2626, Fax: +1-972-284-2900) e-mail: t e c h s u p p o r t 1 @ t y c o e l e c t r o n i c s . c o m www.pow er.tycoelectronics.com Central America-Latin America Headquarters Tyco Electronics Power Systems Tel: +56 2 209-8211, Fax: +56 2 223-1477 Asia-Pacific Headquarters Tyco Electronics Singapore Pte Ltd Tel: +65 6416 4283, Fax: +65 6416 4299
* This preliminary product brief is only for discussion with customers to determine customer interest and requirements. Tyco Electronics makes no commitment to sample or manufacture for sale this product. Tyco Electronics reserves the right to make changes to the product(s) or information contained herein without notice and makes no representation with respect to the accuracy of the information herein. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. (c) 2002 Tyco Electronics Power Systems, Inc., (Mesquite, Texas) All International Rights Reserved.


▲Up To Search▲   

 
Price & Availability of AXH005A0X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X